PART |
Description |
Maker |
ISL6553 ISL6553EVA ISL6553CB ISL6553CB-T ISL6553EV |
PWM Controller, 2-Phase, 5-Bit VID, ?% Reg, VCORE =1.05/1.825V Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
|
INTERSIL[Intersil Corporation]
|
ISL6552CB ISL6552CB- ISL6552CR ISL6552CR- ISL6552C |
PWM Controller, 2-4 Phase, 5-Bit VID, ?% Reg, VCORE =1.05/1.825V Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
|
INTERSIL[Intersil Corporation]
|
ISL6563 ISL6563CR ISL6563CR-T ISL6563CRZ ISL6563EV |
Two-Phase Multi-Phase Buck PWM Controller with Integrated MOSFET Drivers
|
INTERSIL[Intersil Corporation]
|
ISL6322GIRZ |
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface, and Phase Dropping
|
Renesas Electronics Corporation
|
EN6041A STK672-110-E |
Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 1.8A
|
Sanyo Semicon Device
|
STK672-340-E ENA1254A |
Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (External-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.2A
|
Sanyo Semicon Device
|
DPA55CM44 |
3 phase monitoring relay;phase sequence;phase loss;undervoltage;overvoltage
|
brain
|
CHL8318-20-00CRT CHL8318-20-XXCRT CHL8318-20-15 |
Digital Multi-Phase Buck Controller Programmable 1-phase to 8-phase operation
|
International Rectifier
|
MAX1858EEG MAX1858 |
Dual 180 Out-of-Phase PWM Step-Down Controller with Power Sequencing and POR Dual 180° Out-of-Phase PWM Step-Down Controller with Power Sequencing and POR Dual 180∑ Out-of-Phase PWM Step-Down Controller with Power Sequencing and POR From old datasheet system
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
ISL6561 |
Multi-Phase PWM Controller with Precision rDS(ON) or DCR Differential Current Sensing for VR10.X Application(带有精密rDS(ON)或DCR差分电流感应的VR10.X专用多相PWM控制 SWITCHING CONTROLLER, PQCC40 Multi-Phase PWM Controller with Precision rDS(ON) or DCR Differential Current Sensing for VR10.X Application(甯??绮惧?rDS(ON)??CR宸???垫??????R10.X涓??澶??PWM?у???
|
Intersil, Corp. INTERSIL CORP
|
25RIA160 25RIA80S90 25RIA 25RIA10 25RIA100 25RIA10 |
800V 25A Phase Control SCR in a TO-208AA (TO-48) package 1400V 40A Phase Control SCR in a TO-208AA (TO-48) package 1200V 25A Phase Control SCR in a TO-208AA (TO-48) package 1000V 25A Phase Control SCR in a TO-208AA (TO-48) package 100V 25A Phase Control SCR in a TO-208AA (TO-48) package 600V 25A Phase Control SCR in a TO-208AA (TO-48) package 400V 25A Phase Control SCR in a TO-208AA (TO-48) package 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor MEDIUM POWER THYRISTORS 中功率晶闸管
|
IRF[International Rectifier] International Rectifier, Corp.
|
IR3087 IR3087M IR3087MTR |
XPHASE Phase IC with Opti-Phase OVP with overtemp detect. The IR3087 Phase IC combined with an IR XPhase TM Control IC provides a full featured and flexible way to implement power solutions for the latest high performance CPUs and ASICs.
|
International Rectifier
|